PART |
Description |
Maker |
AD526 1144 AD883B AD526CD AD526SD AD526B AD526JNZ |
Software Programmable Gain Amplifier 软件可编程增益放大器 Software Programmable Gain Amplifier INSTRUMENTATION AMPLIFIER, 1500 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDIP16 8 channel, 10 Bit, 40MSPS ADC, 1.8V 257-BGA MICROSTAR 0 to 70 10 Bit, 40MSPS ADC, 1.8V, Int/Ext Ref, w/Power-Down 48-TQFP -40 to 85 High Performance/ BiFET Operational Amplifiers From old datasheet system Software Programmable Gain Amplifier
|
Analog Devices, Inc.
|
AD8250ARMZ |
10 MHz, 20 V/µs, G = 1, 2, 5, 10 iCMOS® Programmable Gain Instrumentation Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: Industrial INSTRUMENTATION AMPLIFIER, 10 MHz BAND WIDTH, PDSO10
|
Analog Devices, Inc.
|
LT1168_06 LT1168 LT1168ACN8 LT1168ACS8 LT1168AIN8 |
Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C INSTRUMENTATION AMPLIFIER, 60 uV OFFSET-MAX, 0.4 MHz BAND WIDTH, PDIP8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. LINER[Linear Technology]
|
AD7245ASE/883B AD7245SQ/883B AD7245ASQ/883B AD7245 |
Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 12-Bit Digital-to-Analog Converter Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12位数字到模拟转换
|
Analog Devices, Inc.
|
CS82C55A-596 |
CMOS Programmable Peripheral Interface; Temperature Range: 0°C to 70°C; Package: 44-PLCC T&R 24 I/O, PIA-GENERAL PURPOSE, PQCC44
|
Intersil, Corp.
|
AD625SE883B |
MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
LT1996IMSPBF LT1996IMSTR |
Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C OP-AMP, 200 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10
|
Linear Technology, Corp.
|
HFA1412 FN4152 |
Buffer, Quad, Closed Loop, Programmable Gain ( /-1, 2), 350MHz, Low Power From old datasheet system Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
|
Intersil
|
AD8251_07 AD8251 AD8251ARMZ AD8251ARMZ-R7 AD8251AR |
10 MHz, 20 V/μs, G = 1, 2, 4, 8 i CMOS? Programmable Gain Instrumentation Amplifier 10 MHz, 20 V/レs, G = 1, 2, 4, 8 i CMOS㈢ Programmable Gain Instrumentation Amplifier
|
AD[Analog Devices]
|
HA-2404 HA1-2404-4 HA-2405 HA-2400 |
Op Amp, Programmable Four Channel, 40MHz, Relaxed Specs Op Amp, Programmable Four Channel, 40MHz, 30V/s Slew Rate Op Amp, Programmable Four Channel, 40MHz, 20V/s Slew Rate 40MHz, PRAM Four Channel Programmable Amplifiers 40MHz/ PRAM Four Channel Programmable Amplifiers
|
INTERSIL[Intersil Corporation]
|
|